| データシートサーチシステム |
|
HC908AS60AD/D データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC908AS60AD/D データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 4 page ![]() HC908AS60AD/D Addendum to MC68HC908AS60 Technical Data Page 402 Change the CHxMAX bit description. From: CHxMAX — Channel x Maximum Duty Cycle Bit When the TOVx bit is at logic 0, setting the CHxMAX bit forces the duty cycle of buffered and unbuffered PWM signals to 100 percent. As Figure 22-8 shows, the CHxMAX bit takes effect in the cycle after it is set or cleared. The output stays at the 100 percent duty cycle level until the cycle after CHxMAX is cleared. To: CHxMAX — Channel x Maximum Duty Cycle Bit When the TOVx bit is at logic 1 and clear output on compare is selected, setting the CHxMAX bit forces the duty cycle of buffered and unbuffered PWM signals to 100 percent. As Figure 22-8 shows, the CHxMAX bit takes effect in the cycle after it is set or cleared. The output stays at 100 percent duty cycle level until the cycle after CHxMAX is cleared. NOTE: The PWM 0 percent duty cycle is defined as output low all of the time. To generate the 0 percent duty cycle, select clear output on compare and then clear the TOVx bit (CHxMAX = 0). The PWM 100 percent duty cycle is defined as output high all of the time. To generate the 100 percent duty cycle, use the CHxMAX bit in the TSCx register. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |