| データシートサーチシステム |
|
AN2528D データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
AN2528D データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 28 page ![]() AN2528/D Detailed Function Description Standard Space Vector Modulation TPU Function Set (svmStd) 21 Synchronized Change of PWM Prescaler And Resolver Reference Signals Prescaler The svmStd_res TPU function can inherit the Synchronization Signal prescaler that is synchronously changed with the PWM prescaler. Write the synchronization signals presc_copy parameter address to the presc_addr parameter to enable this mechanism. Write 0 to disable it, and in this case set the prescaler parameter to directly specify prescaler value. Host Interface Table 15. svmStd_res Control Bits Name Options Channel Function Select svmStd_res function number (Assigned during assembly the DPTRAM code from library TPU functions) Channel Priority 00 – Channel Disabled 01 – Low Priority 10 – Middle Priority 11 – High Priority Host Service Bits (HSR) 00 – No Host Service Request 01 – Not used 10 – Initialization 11 – Not used Host Sequence Bits (HSQ) xx – Not used Channel Interrupt Enable x – Not used Channel Interrupt Status x – Not used Written By CPU Written By TPU Written by both CPU and TPU Not Used 32 1 0 1 0 1 0 1 0 0 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |