| データシートサーチシステム |
|
M39012/80B3003 データシート(PDF) 36 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
M39012/80B3003 データシート(HTML) 36 Page - ITT Industries |
|
36 / 42 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 137 Assy Insts RF Coaxial Connectors Assembly Instructions BBAI-1228 MPC Straight Connectors, Crimp Type for Braided Cable CRIMP FERRULE CONTACT BODY ASSEMBLY 1. Trim cable to dimensions shown being careful not to nick or damage braids or center conductor. Twist center conductor filaments together. 2. Slide ferrule over cable. Slide contact over center conductor and crimp using ITT Cannon Tool CT120090-53 and Positioner 077350-1044. Flare braids as shown. 3. Slide rear end of body assembly over contact and cable and under braids until contact butts inside insulator, with full contact radius just protruding from front of insert, as shown. 4. Slide ferrule over braids until it butts against insert square flange and crimp using ITT Cannon Tool T1025/- and die set T1025/3. |