| データシートサーチシステム |
|
TW2866C データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
TW2866C データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 143 page ![]() TW2866C FN8253 Rev. 0.00 Page 39 of 143 February 3, 2012 TABLE 7. SEQUENCE OF MULTI-CHANNEL AUDIO RECORD (a) I2S Format R_MULTCH PIN LEFT CHANNEL RIGHT CHANNEL 0 ADATR 0 8 ADATM F 7 1 ADATR 0 1 8 9 ADATM F E 7 6 2 ADATR 0 1 2 3 8 9 A B ADATM F E D C 7 6 5 4 3 ADATR 0 1 2 3 4 5 6 7 8 9 A B C D E F ADATM F E D C B A 9 8 7 6 5 4 3 2 1 0 (b) DSP Format R_MULTCH PIN LEFT/RIGHT CHANNEL 0 ADATR 0 1 ADATM F E 1 ADATR 0 1 2 3 ADATM F E D C 2 ADATR 0 1 2 3 4 5 6 7 ADATM F E D C B A 9 8 3 ADATR 0 1 2 3 4 5 6 7 8 9 A B C D E F ADATM F E D C B A 9 8 7 6 5 4 3 2 1 0 MIX OUTPUT The digital serial audio data on the ADATM pin has 2 different audio data which are mixing audio and playback audio. The mixing digital serial audio data is the same as analog mixing output. The sampling frequency, bit width and number of audio for the ADATM pin are same as the ADATR pin because the ACLKR and ASYNR pins are shared with the ADATR and ADATM pins. |