| データシートサーチシステム |
|
STM1404CSMDQ6F データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSMDQ6F データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 9 page ![]() STM1404 6/9 PART NUMBERING Table 3. Ordering Information Scheme (see Figure 5., page 7 for Marking Information) For other options, or for more information on any aspect of this device, please contact the ST Sales Office nearest you. Example: STM1404 A T M D Q 6 F Device Type STM1404: Over/Under Temperature Detect VOUT Status (SAL = Active-Low) A: VOUT = ON; Vccsw = Normal Mode B: VOUT = High-Z; Vccsw = High C: VOUT = Ground; Vccsw = High Reset Threshold Voltage T: VRST = 3.00V to 3.15V S: VRST = 2.85V to 3.00V R: VRST = 2.55V to 2.70V Battery Low Voltage Detect Threshold (VDET) M: VDET = 2.3V (Typ) N: VDET = 2.5V (Typ) O: VDET = 3.2V (Typ) Under (TL)/Over (TH) Temperature Alarm Thresholds (STM1404 only) B: –25/+80°C H: –35/+80°C C: –25/+85°C I: –35/+85°C D: –25/+95°C J: –35/+95°C Package Q = QFN16 (3mm x 3mm) Temperature Range 6 = –40 to 85°C Shipping Method F = ECOPACK Package, Tape & Reel |