| データシートサーチシステム |
|
MA7930BA データシート(PDF) 2 Page - Major-Power Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
MA7930BA データシート(HTML) 2 Page - Major-Power Technology Co., LTD. |
|
2 / 2 page ![]() 2/6 MA7930 Major Power Technology Co., Ltd. Rev.1.1 8th, Mar., 2022 ❖ PIN ASSIGNMENT The packages of MA7930 are shown as bellow; the pin assignment is given by: ❖ ORDER / MARKING INFORMATION Order Information Top Marking (SIP-4L) Package Type MA7930 Packing A : Taping XXX P4: SIP-4L Blank: Tube Y Y WW X 7930 Part number ID code:internal WW:01~52 Year:18=2018 Order Information Top Marking (SOT) Package Type MA7930 Packing A : Taping X X B: SOT23-5L BP:SOT23-5F Blank: Tube L Week: 01~26(A~Z) 27~52(a~z) Year : 8 = 2018 ID Code: Internal C Y W X ❖ BLOCK DIAGRAM Hall Plate VDD VOP Amp. GND Control Circuit VON Package Sensor Location 1 2 3 4 5 GND VON VDD NC VOP 1.45mm 0.8mm VDD VOP GND (Top View) SIP-4L VON 1.90mm 1.10mm 1 2 3 4 (Sensor Location) (Top View) SOT23-5L/F Name Description VDD Supply Voltage VOP VH+ VON VH- NC No Connect GND Ground. |