| データシートサーチシステム |
|
X28HT010 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X28HT010 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 20 page ![]() X28C010, X28HT010 FN8105 Rev 1.00 Page 13 of 20 February 12, 2007 WE Controlled Write Cycle NOTE: 5. tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum time the device requires to complete internal write operation. CE Controlled Write Cycle Address tAS tWC tAH tOES tDV tDS tDH tOEH CE WE OE Data In Data Out HIGH Z Data Valid tCS tCH tWP tWPH Address tAS tOEH tWC tAH tOES tWPH tCS tDV tDS tDH tCH CE WE OE Data In Data Out HIGH Z Data Valid tCW |