データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56321RM データシート(PDF) 2 Page - NXP Semiconductors

部品番号 DSP56321RM
部品情報  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM データシート(HTML) 2 Page - NXP Semiconductors

  DSP56321RM Datasheet HTML 1Page - NXP Semiconductors DSP56321RM Datasheet HTML 2Page - NXP Semiconductors DSP56321RM Datasheet HTML 3Page - NXP Semiconductors DSP56321RM Datasheet HTML 4Page - NXP Semiconductors DSP56321RM Datasheet HTML 5Page - NXP Semiconductors DSP56321RM Datasheet HTML 6Page - NXP Semiconductors DSP56321RM Datasheet HTML 7Page - NXP Semiconductors DSP56321RM Datasheet HTML 8Page - NXP Semiconductors DSP56321RM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
DSP56321 Technical Data, Rev. 11
ii
Freescale Semiconductor
Table of Contents
Data Sheet Conventions .......................................................................................................................................ii
Features ...............................................................................................................................................................iii
Target Applications ............................................................................................................................................. iv
Product Documentation .......................................................................................................................................v
Chapter 1
Signals/Connections
1.1
Power ................................................................................................................................................................1-3
1.2
Ground ..............................................................................................................................................................1-3
1.3
Clock .................................................................................................................................................................1-3
1.4
External Memory Expansion Port (Port A) ......................................................................................................1-4
1.5
Interrupt and Mode Control ..............................................................................................................................1-6
1.6
Host Interface (HI08) ........................................................................................................................................1-7
1.7
Enhanced Synchronous Serial Interface 0 (ESSI0) ........................................................................................1-10
1.8
Enhanced Synchronous Serial Interface 1 (ESSI1) ........................................................................................1-11
1.9
Serial Communication Interface (SCI) ...........................................................................................................1-12
1.10
Timers .............................................................................................................................................................1-13
1.11
JTAG and OnCE Interface ..............................................................................................................................1-14
Chapter 2
Specifications
2.1
Maximum Ratings.............................................................................................................................................2-1
2.2
Thermal Characteristics ....................................................................................................................................2-2
2.3
DC Electrical Characteristics............................................................................................................................2-2
2.4
AC Electrical Characteristics ............................................................................................................................2-3
Chapter 3
Packaging
3.1
Package Description .........................................................................................................................................3-2
3.2
MAP-BGA Package Mechanical Drawing .....................................................................................................3-10
Chapter 4
Design Considerations
4.1
Thermal Design Considerations........................................................................................................................4-1
4.2
Electrical Design Considerations......................................................................................................................4-2
4.3
Power Consumption Considerations.................................................................................................................4-3
4.4
Input (EXTAL) Jitter Requirements .................................................................................................................4-4
Appendix A
Power Consumption Benchmark
Data Sheet Conventions
OVERBAR
Indicates a signal that is active when pulled low (For example, the RESET pin is active when
low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84