データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS4066CSD データシート(PDF) 8 Page - Pericom Semiconductor Corporation

部品番号 PS4066CSD
部品情報  Low-Cost, Quad, SPST, CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERICOM [Pericom Semiconductor Corporation]
ホームページ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066CSD データシート(HTML) 8 Page - Pericom Semiconductor Corporation

  PS4066CSD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8
PS8184A
10/15/98
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
Proper power-supply sequencing is recommended for all CMOS
devices. Do not exceed the absolute maximum ratings, because
stresses beyond the listed ratings may cause permanent damage to
the devices. Always sequence V+ on first, and then the logic
inputs. If power-supply sequencing is not possible, add a small
signal diode or current limiting resistor in series with the supply
pin for overvoltage protection (Figure 1). Adding a diode reduces
the analog signal range, but low switch resistance and low leakage
characteristics are unaffected.
Applications Information
Figure 1. Overvoltage protection is accomplished using an exter-
nal blocking diode or a current limiting resistor .
Pin Description
Overvoltage Protection
Test Circuits/Timing Diagrams
Figure 3. Charge Injection
Figure 2. Switching Times



Html Pages

1 2 3 4 5 6 7 8 9