| データシートサーチシステム |
|
VT5363V032 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VT5363V032 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() Optics assembly VT5363 18/25 Mouse assembly guidelines 1. Attach the sensor and all other electrical components onto PCB with the exception of the navigation LED. 2. Form the LED leads and insert the LED into the optical assembly. 3. Fit the optics with aperture to the PCB using the guideposts and feed the navigation LED leads through their openings. Take care to keep contamination off the sensor surface. The aperture should self-align to the VT5363 package. 4. Route the USB/PS2 lead through the base plate then fit the base plate. 5. Solder the navigation LED leads and trim. 6. Add mouse top case and feet. Note: For more details on the optics (including manufacturers), please refer to the STV-363-R01 user manual. |