データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMEG4002EB データシート(PDF) 4 Page - Nexperia B.V. All rights reserved

部品番号 PMEG4002EB
部品情報  200 mA very low VF MEGA Schottky barrier rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG4002EB データシート(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG4002EB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG4002EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Nexperia
PMEG4002EB
200 mA very low VF MEGA Schottky barrier rectifier
11. Package outline
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
Fig. 4. Package outline SC-79 (SOD523)
12. Soldering
0.6
(2×)
0.5
(2×)
2.15
1.4
0.4
(2×)
0.5
(2×)
1.2
solder lands
solder resist
occupied area
solder paste
sod523_fr
Dimensions in mm
Fig. 5. Reflow soldering footprint for SC-79 (SOD523)
PMEG4002EB
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
4 / 7



Html Pages

1 2 3 4 5 6 7