データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9DB403DGLF データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 9DB403DGLF
部品情報  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB403DGLF データシート(HTML) 3 Page - Renesas Technology Corp

  9DB403DGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB403D
REV R 11/1/12
ICS9DB403D
Four Output Differential Buffer for PCIe for Gen 1 and Gen 2
3
Pin Decription When OE_INV = 0
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be treated
as an analog power rail and filtered appropriately.
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
4
GND
PWR
Ground pin.
5
VDD
PWR
Power supply, nominal 3.3V
6
DIF_1
OUT
0.7V differential true clock output
7
DIF_1#
OUT
0.7V differential Complementary clock output
8OE_1
IN
Active high input for enabling output 1.
0 =disable outputs, 1= enable outputs
9
DIF_2
OUT
0.7V differential true clock output
10
DIF_2#
OUT
0.7V differential Complementary clock output
11
VDD
PWR
Power supply, nominal 3.3V
12
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
14
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
15
PD#
IN
Asynchronous active low input pin used to power down the device. The
internal clocks are disabled and the VCO and the crystal osc. (if any) are
stopped.
16
DIF_STOP#
IN
Active low input to stop differential output clocks.
17
HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
18
VDD
PWR
Power supply, nominal 3.3V
19
DIF_5#
OUT
0.7V differential Complementary clock output
20
DIF_5
OUT
0.7V differential true clock output
21
OE_6
IN
Active high input for enabling output 6.
0 =disable outputs, 1= enable outputs
22
DIF_6#
OUT
0.7V differential Complementary clock output
23
DIF_6
OUT
0.7V differential true clock output
24
VDD
PWR
Power supply, nominal 3.3V
25
OE_INV
IN
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
26
IREF
OUT
This pin establishes the reference for the differential current-mode output
pairs. It requires a fixed precision resistor to ground. 475ohm is the standard
value for 100ohm differential impedance. Other impedances require different
values. See data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com