データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9DB803DGLFT データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 9DB803DGLFT
部品情報  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGLFT データシート(HTML) 9 Page - Renesas Technology Corp

Back Button 9DB803DGLFT Datasheet HTML 5Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 6Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 7Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 8Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 9Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 10Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 11Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 12Page - Renesas Technology Corp 9DB803DGLFT Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
9
ICS9DB803D
REV N 071013
Electrical Characteristics–DIF 0.7V Current Mode Differential Pair
TA =Tambient; VDD = 3.3 V +/-5%; CL =2pF, RS=33Ω, RP=49.9Ω, RREF=475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Current Source Output
Impedance
Zo
1
3000
Ω
1
Voltage High
VHigh
660
850
1,2
Voltage Low
VLow
-150
150
1,2
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage (abs)
Vcross(abs)
250
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
140
mV
1
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
125
ps
1
Fall Time Variation
d-tf
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
tpdBYP
Bypass Mode, VT = 50%
2500
4500
ps
1
tpdPLL
PLL Mode VT = 50%
-250
250
ps
1
Skew, Output to Output
tsk3
VT = 50%
50
ps
1
PLL mode
50
ps
1,3
Additive Jitter in Bypass Mode
50
ps
1,3
PCIe Gen1 phase jitter
(Additive in Bypass Mode)
710
ps
(pk2pk)
1,4,5
PCIe Gen 2 Low Band phase jitter
(Additive in Bypass Mode)
00.1
ps
(rms)
1,4,5
PCIe Gen 2 High Band phase jitter
(Additive in Bypass Mode)
0.3
0.5
ps
(rms)
1,4,5
PCIe Gen 1 phase jitter
40
86
ps
(pk2pk)
1,4,5
PCIe Gen 2 Low Band phase jitter
1.5
3
ps
(rms)
1,4,5
PCIe Gen 2 High Band phase jitter
2.7/
2.2
3.1
ps
(rms)
1,4,5,6
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
3 Measured from differential waveform
4 See http://www.pcisig.com for complete specs
5 Device driven by 932S421C or equivalent.
6 First number is High Bandwidth Mode, second number is Low Bandwidth Mode
Statistical measurement on single
ended signal using oscilloscope
math function.
mV
Measurement on single ended
signal using absolute value.
mV
tjphaseBYP
Jitter, Phase
tjphasePLL
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com