| データシートサーチシステム |
|
ICS9LPRS355 データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS355 データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 28 page ![]() 23 ICS9LPRS355 Datasheet 1205—06/24/14 Byte 19 Spread Spectrum Control Register PLL3 Bit Pin Name Description Type 0 1 Default 7 SSP7 RW - - X 6 SSP6 RW - - X 5 SSP5 RW - - X 4 SSP4 RW - - X 3 SSP3 RW - - X 2 SSP2 RW - - X 1 SSP1 RW - - X 0 SSP0 RW - - X Byte 20 Spread Spectrum Control Register PLL3 Bit Pin Name Description Type 0 1 Default 7 Reserved Reserved RW - - 0 6 SSP14 RW - - x 5 SSP13 RW - - X 4 SSP12 RW - - X 3 SSP11 RW - - X 2 SSP10 RW - - X 1 SSP9 RW - - X 0 SSP8 RW - - X Byte 21 M/N Enables Bit Pin Name Description RW 0 1 Default 7 Reserved RW 0 6 Reserved RW 0 5 Reserved RW 0 4 Reserved RW 0 3 Reserved RW 0 2 Reserved RW 0 1 Reserved RW 0 0 M/N Enable M/N Enable RW Disable Enable 0 These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. *These bits are disabled if TME is latched to 1 These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. |