| データシートサーチシステム |
|
AD9911/PCB データシート(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9911/PCB データシート(HTML) 37 Page - Analog Devices |
|
37 / 44 page ![]() AD9911 Rev. 0 | Page 37 of 44 PROFILE REGISTER MAP Table 26. Register Name (address) Bit Range MSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 LSB Bit 0 Default Value Channel Word 1 (CTW1) (0x0A) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 2 (CTW2) (0x0B) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 3 (CTW3) (0x0C) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 4 (CTW4) (0x0D) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 5 (CTW5) (0x0E) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 6 (CTW6) (0x0F) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 7 (CTW7) (0x10) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 8 (CTW8) (0x11) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 9 (CTW9) (0x12) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 10 (CTW10) (0x13) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 11 (CTW11) (0x14) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 12 (CTW12) (0x15) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 13 (CTW13) (0x16) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 14 (CTW14) (0x17) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – Channel Word 15 (CTW15) (0x18) <31:0> Frequency tuning word <31:0> or phase word <31:18> or amplitude word <31:22> – |