データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCF5373CAB180 データシート(PDF) 22 Page - Freescale Semiconductor, Inc

部品番号 MCF5373CAB180
部品情報  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 データシート(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Preliminary Electrical Characteristics
Freescale Semiconductor
22
Figure 10. General Input Timing Requirements
5.7.1
FlexBus
A multi-function external bus interface called FlexBus is provided with basic functionality to interface to
slave-only devices up to a maximum bus frequency of 80MHz. It can be directly connected to
asynchronous or synchronous devices such as external boot ROMs, flash memories, gate-array logic, or
other simple target (slave) devices with little or no additional circuitry. For asynchronous devices a simple
chip-select based interface can be used. The FlexBus interface has six general purpose chip-selects
(FB_CS[5:0]) which can be configured to be distributed between the FlexBus or SDRAM memory
interfaces. Chip-select, FB_CS0 can be dedicated to boot ROM access and can be programmed to be byte
(8 bits), word (16 bits), or longword (32 bits) wide. Control signal timing is compatible with common
ROM/flash memories.
5.7.1.1
FlexBus AC Timing Characteristics
The following timing numbers indicate when data will be latched or driven onto the external bus, relative
to the system clock.
Invalid
Invalid
FB_CLK (80MHz)
TSETUP
THOLD
Input Setup And Hold
1.5V
trise
Vh = VIH
Vl = VIL
1.5V
1.5V
Valid
tfall
Vh = VIH
Vl = VIL
Input Rise Time
Input Fall Time
* The timings are also valid for inputs sampled on the negative clock edge.
Inputs
FB_CLK
B4
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42