| データシートサーチシステム |
|
VIPER20A-E データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20A-E データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 34 page ![]() VIPer20A-E Package mechanical data 31/34 Figure 33. Pentawatt HV tube shipment ( no suffix ) Note: All dimensions are in mm. Figure 34. Dip-8 Tube shipment (no suffix) Note: All dimensions are in mm. Table 16. Tube dimension Base Q.ty 50 Bulk Q.ty 1000 Tube length ( ± 0.5 ) 532 A 18 B 33.1 C ( ± 0.1) 1 Table 17. Tube dimension Base Q.ty 20 Bulk Q.ty 1000 Tube length ( ± 0.5 ) 532 A 8.4 B 11.2 C ( ± 0.1) 0.8 |