| データシートサーチシステム |
|
OF-F8HS28DP データシート(PDF) 3 Page - Nel Frequency Controls,inc |
|
|
|||||||||||||||||||||||||||||
OF-F8HS28DP データシート(HTML) 3 Page - Nel Frequency Controls,inc |
|
3 / 3 page ![]() CRYSTAL OSCILLATORS 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com Data Sheet 0635E OF-X8HXXXXX Series OF - X 8H X XX X X Package Code OF 5 pad 25x22mm SMD Creating a Part Number Temperature Range Code Specification A 0°C to 50°C B -10°C to 60°C C 0°C to 70°C D -20°C to 70°C E -30°C to 70°C F -40°C to 80°C Temperature Stability Code Specification 17 1x10 -7 58 5x10 -8 28 2x10 -8 18 1x10 -8 59 5x10 -9 YZ Yx10 -Z Aging Code Specification L 1x10 -9/Day S 5x10 -10/Day P 2x10 -10/Day Supply Voltage Code Specification 0 5V ± 5% A 3.3V± 5% F 12V 5% Not all combinations are available. Consult Factory . Output Code Specification T TTL S Sinewave MAX Reflow Profile |