データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THS8083CPZP データシート(PDF) 60 Page - Texas Instruments

部品番号 THS8083CPZP
部品情報  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP データシート(HTML) 60 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 53Page - Texas Instruments THS8083CPZP Datasheet HTML 54Page - Texas Instruments THS8083CPZP Datasheet HTML 55Page - Texas Instruments THS8083CPZP Datasheet HTML 56Page - Texas Instruments THS8083CPZP Datasheet HTML 57Page - Texas Instruments THS8083CPZP Datasheet HTML 58Page - Texas Instruments THS8083CPZP Datasheet HTML 59Page - Texas Instruments THS8083CPZP Datasheet HTML 60Page - Texas Instruments THS8083CPZP Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
A–2
2.
For generating a 13.5-MHz pixel clock for TV signals, with F(XTL) = 14.31818 MHz and VCODIV = 8;
NOM_INC = [31x14.31818x8]/[13.5x1] = 263.0303
NOM_INC falls outside the range of the [28..62] allowable increment range. If CLKDIV is chosen 8 instead
of 1, then NOM_INC = 32.87878...which is within the allowable range. Since the integer value is >31, the
programmed increment NOM_INC becomes 33.87878...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61