| データシートサーチシステム |
|
STLM20DD9F データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM20DD9F データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 17 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. October 2006 Rev 6 1/17 1 STLM20 Ultra-low Current 2.4V precision analog temperature sensor Feature summary ■ Precision analog voltage output temperature sensor ■ ±1.5°C temperature accuracy at 25°C ■ Ultra-low quiescent supply current: 8.0µA (max) ■ Operating voltage range: 2.4V to 5.5V ■ Operating temperature range: –55°C to 130°C (grade - 7) –40°C to 85°C (grade - 9) ■ SOT323-5 (SC70-5) 5-lead package ■ UDFN 4-lead package Applications ■ Third generation (3G) cell phones ■ Multimedia PDA devices ■ GPS devices ■ Portable medical instruments ■ Voltage-controlled crystal oscillator temperature monitors ■ RF Power transistor monitor SOT323-5, SC70-5 (W8) UDFN 4 Lead (DD) www.st.com |
同様の部品番号 - STLM20DD9F |
|
同様の説明 - STLM20DD9F |