| データシートサーチシステム |
|
LM4949 データシート(PDF) 34 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4949 データシート(HTML) 34 Page - National Semiconductor (TI) |
|
34 / 40 page ![]() Application Information (Continued) Single-Ended Input The left and right stereo inputs of the LM4949 can be con- figured for single-ended sources (Figure 6). In single-ended input mode, the LM4949 can accept up to 4 different single- ended audio sources. Set bits L1_INSEL = 1 and L2_INSEL = 0 to use the RIN+ and LIN+ inputs. Set L1 _INSEL = 0 and L2_INSEL = 1 to use the RIN- and LIN- inputs. Set L1_INSEL = L2_INSEL = 1 to use both input pairs. Table 4 shows the single ended input combinations. TABLE 4. Single-Ended Stereo Input Modes INPUT MODE L1_INSEL L2_INSEL INPUT DESCRIPTION 0 0 0 Fully Differential Input Mode 1 0 1 Single-ended input. RIN- and LIN- selected 2 1 0 Single-ended input. RIN+ and LIN+ selected 3 1 1 Single-ended input. RIN+ mixed with RIN- and LIN+ mixed with LIN- 202001C9 FIGURE 6. Single-Ended Input Configuration www.national.com 34 |