| データシートサーチシステム |
|
CAT3603 データシート(PDF) 11 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT3603 データシート(HTML) 11 Page - Catalyst Semiconductor |
|
11 / 12 page ![]() CAT3603 © 2006 Catalyst Semiconductor, Inc. 11 Doc. No. 5017 Rev. C Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is Matte-Tin. (3) The device used in the above example is a CAT3603HV2 –T2 (TDFN, Tape & Reel). (4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. Prefix Device # Suffix CAT 3603 HV2 – T2 Optional Company ID Product Number 3603 Tape & Reel T: Tape & Reel 2: 2000/Reel Package HV2: TDFN (Lead-free, Halogen-free) |