| データシートサーチシステム |
|
BY211U2CWCNB22 データシート(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BY211U2CWCNB22 データシート(HTML) 4 Page - ITT Industries |
|
4 / 5 page ![]() M–25 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com M TERMINATIONS LOCK TYPE BRASS CONTROL KEY (Removes lock core) Control key available separately, part number: 11630CKBYST .136 DIA. (3,45) S PaT N 5 6 3 6 5 o .655 (16,62) .225 (5,72) .100 (2,54) .034 (0,86) .468 (11,88) .965 (24,51) .688 (17,46) 1.000 (25,40) .500 (12,70) .470 (11,94) .105 (2,67) 1.047 (26,59) Control Key Lock Core Plastic Facing Lock Switch L LATCH PAWL AND NUT M LATCH PAWL AND CLIP N WITH NUT D WITH CLIP WC WIRE LEAD 03 SOLDER LUG WITH HOLE C 4 TUMBLER LOCK WITH DETENT .085-.105 (2,16-2,67) WITH CLIP D, M .085-.105 (2,16-2,67) WITH NUT N, L PANEL THICKNESS MOUNTING STYLE OPTION CODE 2 BLACK LOCK COLOR OPTION CODE Lock Core Removal Instructions To remove lock core, insert round-headed control key and pull. Lock must be in position 2 (90º indexing), position 3 (45º indexing). This feature permits changing key codes. Black wire standard. other colors and lengths available, consult Customer Service Center. UL style 1015. Nut part number: 175050700 Clip part number: 906B00000 C&K BY Series 4 Tumbler Value Added Security Switchlocks LOCK TYPE |