データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMN2009USS-13 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 DMN2009USS-13
部品情報  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2009USS-13 データシート(HTML) 2 Page - Diodes Incorporated

  DMN2009USS-13 Datasheet HTML 1Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 2Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 3Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 4Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 5Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 6Page - Diodes Incorporated DMN2009USS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2009USS
Document number: DS41068 Rev. 3 - 2
2 of 7
www.diodes.com
August 2018
© Diodes Incorporated
DMN2009USS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
12
V
Drain Current (Note 6) VGS = 4.5V
Steady State
TA = +25°C
TA = +70°C
ID
12.1
9.7
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
100
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.4
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RJA
90
°C/W
Total Power Dissipation (Note 6)
PD
2.0
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RJA
63
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.5
0.7
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
6.3
6.7
8.7
8
9
12
m
Ω
VGS = 10V, ID = 12A
VGS = 4.5V, ID = 10A
VGS = 2.5V, ID = 8A
Diode Forward Voltage
VSD
0.5
0.63
1.2
V
VGS = 0V, IS = 3A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1706
pF
VDS = 10V, VGS = 0V, f = 1MHz
Output Capacitance
Coss
383
pF
Reverse Transfer Capacitance
Crss
176
pF
Gate Resistance
Rg

3.0

Ω
VGS = 0V VDS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg

16

nC
VDS = 10V, ID = 8.5A
Total Gate Charge (VGS = 10V)
Qg

34

Gate-Source Charge
Qgs

1.9

Gate-Drain Charge
Qgd

4.5

Turn-On Delay Time
tD(ON)

4.2

ns
VDS = 10V, ID = 8.5A
VGS = 4.5V, Rg = 1.8Ω
Turn-On Rise Time
tR

6.2

ns
Turn-Off Delay Time
tD(OFF)

25

ns
Turn-Off Fall Time
tF

11

ns
Body Diode Reverse Recovery Time
tRR

12

ns
IF = 8.5A, di/dt = 210A/μs
Body Diode Reverse Recovery Charge
QRR

4.7

nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com