| データシートサーチシステム |
|
VIPER50ASP データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER50ASP データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 23 page ![]() 2/23 VIPer50/SP - VIPer50A/ASP ABSOLUTE MAXIMUM RATING THERMAL DATA (*) When mounted using the minimum recommended pad size on FR-4 board. CONNECTION DIAGRAMS (Top View) CURRENT AND VOLTAGE CONVENTIONS Symbol Parameter Value Unit VDS Continuous Drain-Source Voltage (Tj=25 to 125°C) for VIPer50/SP for VIPer50A/ASP -0.3 to 620 -0.3 to 700 V V ID Maximum Current Internally limited A VDD Supply Voltage 0 to 15 V VOSC Voltage Range Input 0 to VDD V VCOMP Voltage Range Input 0 to 5 V ICOMP Maximum Continuous Current ± 2mA Vesd Electrostatic Discharge (R =1.5k Ω; C=100pF) 4000 V ID(AR) Avalanche Drain-Source Current, Repetitive or Not Repetitive (TC=100°C; Pulse width limited by Tj max; δ < 1%) for VIPer50/SP for VIPer50A/ASP 1.5 1 A A Ptot Power Dissipation at Tc=25ºC60 W Tj Junction Operating Temperature Internally limited °C Tstg Storage Temperature -65 to 150 °C Symbol Parameter PENTAWATT HV PowerSO-10™ (*) Unit Rthj-case Thermal Resistance Junction-case Max 1.9 1.9 °C/W Rthj-amb. Thermal Resistance Ambient-case Max 60 50 °C/W 1 PENTAWATT HV PENTAWATT HV (022Y) PowerSO-10™ - + 13V OSC COMP SOURCE DRAIN VDD VCOMP VOSC VDD VDS ICOMP IOSC IDD ID FC00020 |