データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7260 データシート(PDF) 30 Page - STMicroelectronics

部品番号 ST7260
部品情報  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260 データシート(HTML) 30 Page - STMicroelectronics

Back Button ST7260 Datasheet HTML 26Page - STMicroelectronics ST7260 Datasheet HTML 27Page - STMicroelectronics ST7260 Datasheet HTML 28Page - STMicroelectronics ST7260 Datasheet HTML 29Page - STMicroelectronics ST7260 Datasheet HTML 30Page - STMicroelectronics ST7260 Datasheet HTML 31Page - STMicroelectronics ST7260 Datasheet HTML 32Page - STMicroelectronics ST7260 Datasheet HTML 33Page - STMicroelectronics ST7260 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 117 page
background image
ST7260
30/117
I/O PORTS (Cont’d)
Table 11. PA1, PA2 Description
Figure 20. PA1, PA2 Configuration
PORT A
I / O
Alternate Function
Input1
Output
Signal
Condition
PA1
without pull-up
Very High Current open drain
PA2
without pull-up
Very High Current open drain
1Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
OUTPUT
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More