| データシートサーチシステム |
|
ST7260E2M1/XXX データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7260E2M1/XXX データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 117 page ![]() ST7260 31/117 I/O PORTS (Cont’d) 9.2.2 Port B Table 12. Port B Description PORT B I/O Alternate Function Input1 Output Signal Condition PB0 without pull-up push-pull PB1 without pull-up push-pull USBOE (USB output ena- ble)2 USBOE =1 (MISCR) PB2 without pull-up push-pull PB3 without pull-up push-pull PB4 without pull-up push-pull IT5 Schmitt triggered input IT4E = 1 (ITIFRE) PB5 without pull-up push-pull IT6 Schmitt triggered input IT5E = 1 (ITIFRE) PB6 without pull-up push-pull IT7 Schmitt triggered input IT6E = 1 (ITIFRE) PB7 without pull-up push-pull IT8 Schmitt triggered input IT7E = 1 (ITIFRE) 1Reset State 2On SO24 only |