データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7260K1U1/XXX データシート(PDF) 21 Page - STMicroelectronics

部品番号 ST7260K1U1/XXX
部品情報  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260K1U1/XXX データシート(HTML) 21 Page - STMicroelectronics

Back Button ST7260K1U1/XXX Datasheet HTML 17Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 18Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 19Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 20Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 21Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 22Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 23Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 24Page - STMicroelectronics ST7260K1U1/XXX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
ST7260
21/117
RESET (Cont’d)
Figure 12. Reset Timing Diagram
Note: Refer to Electrical Characteristics for values of tDDR, tOXOV, VIT+, VIT- and Vhys
VDD
OSCIN
fCPU
FFFF
FFFE
PC
RESET
WATCHDOG RESET
tDDR
tOXOV
4096 CPU
CLOCK
CYCLES
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More