データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7260E1M1/XXX データシート(PDF) 49 Page - STMicroelectronics

部品番号 ST7260E1M1/XXX
部品情報  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260E1M1/XXX データシート(HTML) 49 Page - STMicroelectronics

Back Button ST7260E1M1/XXX Datasheet HTML 45Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 46Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 47Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 48Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 49Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 50Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 51Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 52Page - STMicroelectronics ST7260E1M1/XXX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
ST7260
49/117
16-BIT TIMER (Cont’d)
Figure 33. One Pulse Mode Timing Example
Figure 34. Pulse Width Modulation Mode Timing Example with 2 Output Compare Functions
Note: On timers with only one Output Compare register, a fixed frequency PWM signal can be generated
using the output compare and the counter overflow to define the pulse length.
COUNTER
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
Note: IEDG1 = 1, OC1R = 2ED0h, OLVL1 = 0, OLVL2 = 1
01F8
01F8
2ED3
IC1R
COUNTER 34E2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
Note: OC1R = 2ED0h, OC2R = 34E2, OLVL1 = 0, OLVL2 = 1
FFFC FFFD FFFE
2ED0
2ED1 2ED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More