データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6654/PCB データシート(PDF) 71 Page - Analog Devices

部品番号 AD6654/PCB
部品情報  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB データシート(HTML) 71 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 67Page - Analog Devices AD6654/PCB Datasheet HTML 68Page - Analog Devices AD6654/PCB Datasheet HTML 69Page - Analog Devices AD6654/PCB Datasheet HTML 70Page - Analog Devices AD6654/PCB Datasheet HTML 71Page - Analog Devices AD6654/PCB Datasheet HTML 72Page - Analog Devices AD6654/PCB Datasheet HTML 73Page - Analog Devices AD6654/PCB Datasheet HTML 74Page - Analog Devices AD6654/PCB Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
AD6654
Rev. 0 | Page 71 of 88
ACCESSING MULTIPLE AD6654 DEVICES
If multiple AD6654 devices are on a single board, the microport
pins for these devices can be shared. In this configuration, a
single programming device (DSP, FPGA, or microcontroller)
can program all AD6654 devices connected to it.
Each AD6654 has four CHIPID pins that can be connected in
16 different ways. During a write/read access, the internal
circuitry checks to see if the CHIPID bits in the chip I/O access
control register (Address 0x02) are the same as the logic levels
of the CHIPID pins (hardwired to the part). If the CHIPID bits
and the CHIPID pins have the same value, then a write/read
access is completed; otherwise, the access is ignored.
To program multiple devices using the same microport control
and data buses, the devices should have separate CHIPID pin
configurations. A write/read access can be made only on the
intended chip; all other chips would ignore the access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88