| データシートサーチシステム |
|
AD8222ACPZ-R7 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8222ACPZ-R7 データシート(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() AD8222 Rev. 0 | Page 21 of 24 DRIVING CABLING All cables have a certain capacitance per unit length, which varies widely with cable type. The capacitive load from the cable may cause peaking in the AD8222’s output response. To reduce the peaking, use a resistor between the AD8222 and the cable. Because cable capacitance and desired output response vary widely, this resistor is best determined empirically. A good starting point is 50 Ω. The AD8222 operates at a low enough frequency that transmission line effects are rarely an issue; therefore, the resistor need not match the characteristic impedance of the cable. AD8222 (DIFF OUT) AD8222 (SINGLE OUT) Figure 53. Driving a Cable |