| データシートサーチシステム |
|
24LC024ISN データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC024ISN データシート(HTML) 1 Page - Microchip Technology |
|
1 / 22 page ![]() 2004 Microchip Technology Inc. DS21210G-page 1 24AA024/24LC024/24AA025/24LC025 Device Selection Table Features • Single supply with operation from 1.8V to 5.5V • Low-power CMOS technology - 1 mA active current typical -1 µA standby current typical at 5.5V • Organized as a single block of 256 bytes (256 x 8) • Hardware write protection for entire array (24XX024) • 2-wire serial interface bus, I2C™ compatible • 100 kHz and 400 kHz clock compatibility • Page write buffer for up to 16 bytes • Self-timed write cycle (including auto-erase) • 10 ms max. write cycle time • Address lines allow up to eight devices on bus • 1,000,000 erase/write cycles • ESD protection > 4,000V • Data retention > 200 years • 8-pin PDIP, SOIC, TSSOP and MSOP packages • Available for extended temperature ranges - Industrial (I): -40°C to +85°C Pin Function Table Description The Microchip Technology Inc. 24AA024/24LC024/ 24AA025/24LC025 is a 2 Kbit Serial Electrically Erasable PROM with a voltage range of 1.8V to 5.5V. The device is organized as a single block of 256 x 8-bit memory with a 2-wire serial interface. Low current design permits operation with typical standby and active currents of only 1 µA and 1 mA, respectively. The device has a page write capability for up to 16 bytes of data. Functional address lines allow the connection of up to eight 24AA024/24LC024/ 24AA025/24LC025 devices on the same bus for up to 16K bits of contiguous EEPROM memory. The device is available in the standard 8-pin PDIP, 8-pin SOIC (150 mil), TSSOP and MSOP packages. Package Types Block Diagram Part Number VCC Range Max Clock Temp. Range Write Protect 24AA024 1.8V - 5.5V 400 KHz(1) IYes 24AA025 1.8V - 5.5V 400 KHz(1) INo 24LC024 2.5V - 5.5V 400 KHz I Yes 24LC025 2.5V - 5.5V 400 KHz I No Note 1: 100 KHz for VCC < 2.5V Name Function VSS Ground SDA Serial Data SCL Serial Clock VCC 1.8V to 5.5V Power Supply A0, A1, A2 Chip Selects WP Hardware Write-Protect (24LC024) Note: *WP pin available only on 24XX024. This pin has no internal connection on 24XX025. PDIP/SOIC TSSOP/MSOP A0 A1 A2 VSS VCC WP* SCL SDA 1 2 3 4 8 7 6 5 A0 A1 A2 VSS VCC WP* SCL SDA 1 2 3 4 8 7 6 5 I/O Control Logic Memory Control Logic XDEC HV Generator EEPROM Array Write-Protect Circuitry YDEC VCC VSS Sense Amp. R/W Control SDA SCL A0 A1 A2 WP* 2K I2C™ Serial EEPROM |
同様の部品番号 - 24LC024ISN |
|
同様の説明 - 24LC024ISN |