| データシートサーチシステム |
|
ICS8545BGILF データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS8545BGILF データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 16 page ![]() 14 ©2015 Integrated Device Technology, Inc. Revision C, December 8, 2015 8545 Datasheet Revision History Sheet Rev Table Page Description of Change Date B T5 1 5 6 11 Features Section - added Additive Phase Jitter bullet. AC Characteristics Table - added Additive Phase Jitter spec. Added Additive Phase Jitter Plot. Added Power Considerations section. 5/31/07 B T9 13 Ordering Information Table - added lead-free marking. 2/15/08 B T9 13 Removed leaded orderable parts from Ordering Information table 11/15/12 C 10 Updated LVDS Driver Termination application note. Deleted HiperClocks references throughout the datasheet. Updated header/footer. Deleted “ICS” prefix and “I” suffix from part number. 12/8/15 |