データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33390-010250 データシート(PDF) 1 Page - Belden Inc.

部品番号 33390-010250
部品情報  Lead Wire, #1/0 Str TC, Silicone Ins, AWM 3214
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo BELDEN - Belden Inc.

33390-010250 データシート(HTML) 1 Page - Belden Inc.

  33390-010250 Datasheet HTML 1Page - Belden Inc. 33390-010250 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 33390
Lead Wire, #1/0 Str TC, Silicone Ins, AWM 3214
Product Description
Low Temp Rubber Lead Wire, 1/0AWG (262x24) Tinned Copper, Silicone Insulation, AWM 3214 CSA TYPE AWM 600V 150C
Technical Specifications
Product Overview
Suitable Applications:
Class 155(F) or Class 180(H) motor lead systems , high temperature applications, internal wiring of lighting fixtures and appliances
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
1/0
262x24
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Wall Thickness
Silicone Rubber 0.084 in
Electrical Characteristics
Voltage
UL Voltage Rating
600 V RMS
Temperature Range
Non-UL Temp Rating:
150°C
UL Temp Rating:
150°C
Mechanical Characteristics
Recommended Max Baking Cycles:
24 Hours @ 410°F (210°C)
Bulk Cable Weight:
108.3 lbs/1000ft
Min. Bend Radius/Minor Axis:
2.38 in
Standards
UL AWM Style Compliance:
AWM 3214
CSA Rating:
600 V, 150°C
CSA AWM Compliance:
CSA AWM I B
CSA Type:
AWM
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes


同様の部品番号 - 33390-010250

メーカー部品番号データシート部品情報
logo
Motorola, Inc
33390 MOTOROLA-33390 Datasheet
450Kb / 16P
Class B Serial Transceiver
logo
Freescale Semiconductor...
33390 FREESCALE-33390 Datasheet
416Kb / 15P
Class B Serial Transceiver
More results

同様の説明 - 33390-010250

メーカー部品番号データシート部品情報
logo
Belden Inc.
30800 BELDEN-30800 Datasheet
187Kb / 2P
Lead Wire, #2/0 Str TC, Silicone Ins, Fiber Glass Jkt, AWM 3126
05-05-2023
34440 BELDEN-34440 Datasheet
141Kb / 2P
Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34490 BELDEN-34490 Datasheet
141Kb / 2P
Lead Wire, #1/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
33312 BELDEN-33312 Datasheet
149Kb / 2P
Lead Wire, #12 Str TC, Silicone Ins, AWM 3212
05-05-2023
33318 BELDEN-33318 Datasheet
149Kb / 2P
Lead Wire, #18 Str TC, Silicone Ins, AWM 3212
05-05-2023
34017 BELDEN-34017 Datasheet
142Kb / 2P
Lead Wire, #17 Str TC, Silicone Ins, AWM 3123
05-05-2023
34020 BELDEN-34020 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, Silicone Ins, AWM 3123
05-05-2023
37140 BELDEN-37140 Datasheet
152Kb / 2P
Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37190 BELDEN-37190 Datasheet
152Kb / 2P
Lead Wire, #1/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37590 BELDEN-37590 Datasheet
149Kb / 2P
Lead Wire, #1/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com