| データシートサーチシステム |
|
MB90F482 データシート(PDF) 7 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482 データシート(HTML) 7 Page - fujitsu semiconductor |
|
7 / 113 page ![]() MB90480/485 Series 7 (TOP VIEW) (FPT-100P-M05) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 RST P56/RDY P55/HAK P54/HRQ P53/WRH P52/WRL P51/RD P50/ALE PA3/OUT3 PA2/OUT2 PA1/OUT1 PA0/OUT0 P97/IN1 P96/IN0 P95/PPG5 P94/PPG4 P93/FRCK/ADTG/CS3 P92/SCK1/CS2 P91/SOT1/CS1 P90/SIN1/CS0 P87/IRQ7 P86/IRQ6 P85/IRQ5 P84/IRQ4 P83/IRQ3 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 P22/A18 P23/A19 P24/A20/PPG0 P25/A21/PPG1 P26/A22/PPG2 P27/A23/PPG3 P30/A00/AIN0 P31/A01/BIN0 VSS P32/A02/ZIN0 P33/A03/AIN1 P34/A04/BIN1 P35/A05/ZIN1 P36/A06/PWC0* P37/A07/PWC1* P40/A08/SIN2 P41/A09/SOT2 P42/A10/SCK2 P43/A11/MT00* P44/A12/MT01* VCC5 P45/A13/EXTC* P46/A14/OUT4 P47/A15/OUT5 P70/SIN0 * : These are the pins for MB90485 series. The pins for MB90480 series are P36/A06, P37/A07, P43/ A11, P44/A12, P45/A13, P75, P76 and P77. Note : MB90485 series only • I2C pin P77 and P76 are Nch open drain pin (without Pch) . However, MB90V485 uses the Nch open drain pin (with Pch) . • P20 to P27, P30 to P37, P40 to P47 and P70 to P77 also used as 3 V/5 V I/F pin. • As for MB90V485, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/ µPG/I2C become CMOS input. |