データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB90348APF データシート(PDF) 21 Page - fujitsu semiconductor

部品番号 MB90348APF
部品情報  16-bit Proprietary Microcontroller CMOS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [fujitsu semiconductor]
ホームページ  
Logo FUJITSU - fujitsu semiconductor

MB90348APF データシート(HTML) 21 Page - fujitsu semiconductor

Back Button MB90348APF Datasheet HTML 17Page - fujitsu semiconductor MB90348APF Datasheet HTML 18Page - fujitsu semiconductor MB90348APF Datasheet HTML 19Page - fujitsu semiconductor MB90348APF Datasheet HTML 20Page - fujitsu semiconductor MB90348APF Datasheet HTML 21Page - fujitsu semiconductor MB90348APF Datasheet HTML 22Page - fujitsu semiconductor MB90348APF Datasheet HTML 23Page - fujitsu semiconductor MB90348APF Datasheet HTML 24Page - fujitsu semiconductor MB90348APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
MB90340 Series
21
(Continued)
Type
Circuit
Remarks
I
• CMOS level output (IOL = 4 mA, IOH
= −4 mA)
• CMOS hysteresis inputs (With the standby-
time input shutdown function)
• Automotive input (With the standby-time in-
put shutdown function)
• A/D analog input
J
• CMOS level output (IOL = 4 mA, IOH
= −4 mA)
• D/A analg output
• CMOS hysteresis inputs (With the standby-
time input shutdown function)
• Automotive input (With the standby-time in-
put shutdown function)
• A/D analog input
K
• Power supply input protection circuit
L
• A/D converter reference voltage power
supply input pin, with the protection circuit
• Flash devices do not have a protection
circuit against VCC for pin AVRH
Hysteresis inputs
Automotive inputs
Standby control for
input shutdown
Analog input
Pout
Nout
R
Hysteresis inputs
Automotive inputs
Standby control for
input shutdown
Analog input
Analog output
Pout
Nout
R
ANE
AVR
ANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84