| データシートサーチシステム |
|
AD8137YCP-R2 データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8137YCP-R2 データシート(HTML) 5 Page - Analog Devices |
|
5 / 24 page ![]() AD8137 Rev. A | Page 5 of 24 Table 3. VS = 3 V, VOCM = 1.5 V (@ 25°C, Diff. Gain = 1, RL, dm = RF = RG = 1 kΩ, unless otherwise noted, TMIN to TMAX = −40°C to +125°C) Parameter Conditions Min Typ Max Unit DIFFERENTIAL INPUT PERFORMANCE DYNAMIC PERFORMANCE −3 dB Small Signal Bandwidth VO, dm = 0.1 V p-p 61 73 MHz −3 dB Large Signal Bandwidth VO, dm = 2 V p-p 62 93 MHz Slew Rate VO, dm = 2 V Step 340 V/µs Settling Time to 0.02% VO, dm = 3.5 V Step 110 ns Overdrive Recovery Time G = 2, VI, dm = 5 V p-p Triangle Wave 100 ns NOISE/HARMONIC PERFORMANCE SFDR VO, dm = 2 V p-p, fC = 500 kHz 89 dB VO, dm = 2 V p-p, fC = 2 MHz 71 dB Input Voltage Noise f = 50 kHz to 1 MHz 8.25 nV/√Hz Input Current Noise f = 50 kHz to 1 MHz 1 pA/√Hz DC PERFORMANCE Input Offset Voltage VIP = VIN = VOCM = 0 V −2.75 ±0.7 +2.75 mV Input Offset Voltage Drift TMIN to TMAX 3 µV/°C Input Bias Current TMIN to TMAX 0.5 0.9 µA Input Offset Current 0.1 0.4 µA Open-Loop Gain 87 dB INPUT CHARACTERISTICS Input Common-Mode Voltage Range 1 2 V Input Resistance Differential 800 MΩ Common-Mode 400 MΩ Input Capacitance Common-Mode 1.8 pF CMRR ∆VICM = ±1 V 64 80 dB OUTPUT CHARACTERISTICS Output Voltage Swing Each Single-Ended Output, RL, dm = 1 kΩ VS− + 0.37 VS+ − 0.37 V Output Current 20 mA Output Balance Error f = 1 MHz −64 dB VOCM to VO, cm PERFORMANCE VOCM DYNAMIC PERFORMANCE −3 dB Bandwidth VO, cm = 0.1 V p-p 61 MHz Slew Rate VO, cm = 0.5 V p-p 59 V/µs Gain 0.96 1.00 1.04 V/V VOCM INPUT CHARACTERISTICS Input Voltage Range 1.0 2.0 V Input Resistance 35 kΩ Input Offset Voltage −25 ±5.5 +25 mV Input Voltage Noise f = 100 kHz to 5 MHz 18 nV/√Hz Input Bias Current 0.3 0.7 µA CMRR ∆VO, dm /∆VOCM, ∆VOCM = ±0.5 V 62 74 dB POWER SUPPLY Operating Range +2.7 ±6 V Quiescent Current 2.3 2.5 mA Quiescent Current, Disabled Power-Down = Low 345 460 µA PSRR ∆VS = ±1 V 78 90 dB PD PIN Threshold Voltage VS− + 0.7 VS− + 1.5 V Input Current Power-Down = High/Low 8/65 10/70 µA OPERATING TEMPERATURE RANGE −40 +125 °C |