| データシートサーチシステム |
|
MSP430F157IPM データシート(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F157IPM データシート(HTML) 59 Page - Texas Instruments |
|
59 / 73 page ![]() MSP430x15x, MSP430x16x, MSP430x161x MIXED SIGNAL MICROCONTROLLER SLAS368E − OCTOBER 2002 − REVISED AUGUST 2006 59 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) port P5, P5.3, input/output with Schmitt-trigger P5.3/UCLK1 P5IN.3 Pad Logic EN D P5OUT.3 P5DIR.3 P5SEL.3 0 1 0 1 DCM_SIMO SYNC MM STE STC UCLK1 From USART1 UCLK1 To USART1 0: Input 1: Output NOTE: UART mode: The UART clock can only be an input. If UART mode and UART function are selected, the P5.3/UCLK1 direction is always input. SPI, slave mode: The clock applied to UCLK1 is used to shift data in and out. SPI, master mode: The clock to shift data in and out is supplied to connected devices on pin P5.3/UCLK1 (in slave mode). |