| データシートサーチシステム |
|
SP7662 データシート(PDF) 2 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7662 データシート(HTML) 2 Page - Sipex Corporation |
|
2 / 19 page ![]() 2 Nov3-06 Rev AE SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator © 2006 Sipex Corporation ELECTRICAL SPECIFICATIONS SpecificationsareforTAMB = TJ = 25°C, and those denoted by ♦ apply over the full operating range, -40°C< Tj< 25°C. Unless otherwisespecified:4.5V<Vcc<5.5V,3V<ViN < 22V, BST = LX + 5V, UVIN = 3V, CVCC = µF, CCOMP = 0.µF, Css = 50nF. VCC ...................................................................................................7V ViN .................................................................................................25V BST................................................................................................ 30V LX-BST...............................................................................-0.3V to 7V LX ........................................................................................-V to 30V All other pins..........................................................-0.3V to VCC + 0.3V Storage Temperature................................................... -65°C to 50°C Power Dissipation........................................Internally Limited via OTP Lead Temperature (Soldering, 0 sec) .......................................300°C ESD Rating........................................................................... 2kVHBM Thermal Resistance θJC............................................................ 5°C/W ABSOLUTE MAXIMUM RATINGS These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections ofthespecificationsbelowisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsoftimemayaffectreliability. PARAMETER MIN TYP MAX UNITS ♦ CONDITIONS QUIESCENT CURRENT ViN Supply Current (No switching) .5 3.0 mA ♦ VfB= 0.9V ViN Supply Current (switching) 8 20 mA BST Supply Current (No switching) 0.2 0.4 mA ♦ VfB= 0.9V BST Supply Current (switching) 3 6 mA PROTECTION: UVLO Vcc UVLO Start Threshold 4.00 4.25 4.50 V ♦ Vcc UVLO Hysteresis 00 200 300 mV ♦ UVIN Start Threshold 2.30 2.50 2.65 V ♦ UVIN Hysteresis 200 300 400 mV ♦ UVIN Input Current .0 µA ♦ UVIN=3.0V ERROR AMPLIFIER REFERENCE ErrorAmplifierReference 0.792 0.800 0.808 V 2XGainConfig.,MeasureVfB; Vcc=5V ErrorAmplifier Reference Over Line 0.784 0.800 0.86 V ♦ COMPSinkCurrent 70 50 230 µA ♦ VfB=0.9V,COMP=0.9V COMPSourceCurrent -230 -50 -70 µA ♦ VfB=0.9V,COMP=0.9V VfB Input Bias Current 50 200 nA ♦ VfB=0.8V COMPClamp 3.2 3.5 3.8 V VfB=0.7V, TA=25 °C COMPClampTemp. Coefficient -2.0 mV/ °C VCC LINEAR REGULATOR VCC Output Voltage 4.7 5.0 5.3 V ♦ V iN = 6 to 23V, ILOAD = 0mA to 30mA 4.5 4.73 ♦ ViN = 5V, 20mA Dropout Voltage 250 500 750 mV ♦ Vin-Vout=Dropoutvoltagewhen Vccregulateddropsby2%. IVCC=30mA. |