| データシートサーチシステム |
|
AD5259EVAL データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5259EVAL データシート(HTML) 6 Page - Analog Devices |
|
6 / 14 page ![]() AD5259 Preliminary Technical Data Rev. PrJ 7/22/04 | Page 6 of 14 Write Modes Table 6. Writing to RDAC register S Device Address* (7-bit) 0 SA 0 0 0 0 0 0 0 0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA P Slave Address Byte Instruction Byte Data Byte Table 7. Writing to EEPROM register S Device Address* (7-bit) 0 SA 0 0 1 0 0 0 0 0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA P Slave Address Byte Instruction Byte Data Byte Table 8. Activating Software Write Protect S Device Address* (7-bit) 0 SA 0 1 0 0 0 0 0 0 SA 0 0 0 0 0 0 0 WP SA P Slave Address Byte Instruction Byte Data Byte Store/Restore Modes Table 9. Storing RDAC value to EEPROM S Device Address* (7-bit) 0 SA 1 1 0 0 0 0 0 0 SA P Slave Address Byte Instruction Byte Table 10. Restoring EEPROM to RDAC S Device Address* (7-bit) 0 SA 1 0 1 0 0 0 0 0 SA P Slave Address Byte Instruction Byte S = Start Condition P = Stop Condition SA = Slave Acknowledge MA = Master Acknowledge NA = No Acknowledge X = Don’t Care W = Write R = Read |