| データシートサーチシステム |
|
ICS1524AMLF データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1524AMLF データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 25 page ![]() ICS1524A 14 I 2C Data Format RANDOM REGISTER WRITE PROCEDURE S 010011x W A A A P 7 bit address register address data Acknowledge Acknowledge STOP condition START condition WRITE command Acknowledge RANDOM REGISTER READ PROCEDURE S 010011 X W A A S 0 10011 X R A A P 7 bit address register address 7 bit address data Acknowledge Repeat START Acknowledge STOP condition START condition WRITE command Acknowledge READ command NO Acknowledge SEQUENTIAL REGISTER WRITE PROCEDURE S 010011 X W A A A A A P 7 bit address register address data data Acknowledge Acknowledge Acknowledge Acknowledge Acknowledge START condition WRITE command STOP condition SEQUENTIAL REGISTER READ PROCEDURE S 010011 X W A A S 0 10011 X R A A A P 7 bit address register address 7 bit address data data Acknowledge Repeat START Acknowledge NO Acknowledge START condition WRITE command Acknowledge READ command Acknowledge STOP condition Direction: From bus host to device From device to bus host Note: 1. All values are transmitted with the most-significant bit first and the least-significant bit last. 2. The value of the X bit equals the logic state of pin 13 (I 2CADR). 3. R = READ = 1 and W = WRITE = 0 |