| データシートサーチシステム |
|
ICS1893AF データシート(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF データシート(HTML) 71 Page - Renesas Technology Corp |
|
71 / 137 page ![]() Chapter 8 Management Register Set ICS1893AF, Rev. D 10/26/04 October, 2004 71 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 8.5.2 Manufacturer’s Model Number (bits 3.9:4) The model number for the ICS1893AF is 4 (decimal). It is stored in bit 3.9:4 as 00100b. 8.5.3 Revision Number (bits 3.3:0) Table 8-10 lists the valid ICS1893AF revision numbers, which are 4-bit binary numbers stored in bits 3.3:0. Table 8-10. ICS1893AF Revision Number Decimal Bits 3.3:0 Description 1 0001 ICS First Release |