| データシートサーチシステム |
|
ICS1893AF データシート(PDF) 109 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF データシート(HTML) 109 Page - Renesas Technology Corp |
|
109 / 137 page ![]() Chapter 9 Pin Diagram, Listings, and Descriptions ICS1893AF, Rev. D 10/26/04 October, 2004 109 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 9.2.5 Ground and Power Pins Table 9-9. Ground and Power Pins Signal Name Pin No. Signal Description Power VDD 7 3.3V VDD 14 3.3V VDD 20 3.3V VDD 24 3.3V VDD 33 3.3V VDD 45 3.3V VDD 48 3.3V Ground VSS 2 VSS 5 VSS 11 VSS 17 VSS 21 VSS 23 VSS 25 VSS 36 |