| データシートサーチシステム |
|
ICS1893AFILFT データシート(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILFT データシート(HTML) 129 Page - Renesas Technology Corp |
|
129 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 129 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.16 Reset: Hardware Reset and Power-Down Table 10-23 lists the significant time periods for the hardware reset and power-down reset. The time periods consist of timings of signals on the following pins: • REF_IN • RESETn • TXCLK Figure 10-17 shows the timing diagram for the time periods. Figure 10-17. Hardware Reset and Power-Down Timing Diagram Table 10-23. Hardware Reset and Power-Down Timing Time Period Parameter Condi- tions Min. Typ. Max. Units t1 RESETn Active to Device Isolation and Initialization – – 60 – ns t2 Minimum RESETn Pulse Width – 500 40 – ns t3 RESETn Released to TXCLK Valid – – 35 500 ms REF_IN RESETn t1 t2 t3 TXCLK Valid Power Consumption (AC only) |