| データシートサーチシステム |
|
ICS1893AFILFT データシート(PDF) 131 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILFT データシート(HTML) 131 Page - Renesas Technology Corp |
|
131 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 131 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.18 10Base-T: Jabber Timing Table 10-25 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of signals on the following pins: • TXEN • TP_TX (that is, TP_TXP and TP_TXN) • COL Figure 10-19 shows the timing diagram for the time periods. Note: For more information on 10Base-T jabber operations, see Section 7.5.9, “10Base-T Operation: Jabber”. Figure 10-19. 10Base-T Jabber Timing Diagram Table 10-25. 10Base-T Jabber Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Jabber Activation Time 10Base-T Half Duplex 20 – 35 ms t2 Jabber De-Activation Time 10Base-T Half Duplex 300 – 325 ms TXEN TP_TX COL t1 t2 |