| データシートサーチシステム |
|
ICS1893AFILF データシート(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILF データシート(HTML) 69 Page - Renesas Technology Corp |
|
69 / 137 page ![]() Chapter 8 Management Register Set ICS1893AF, Rev. D 10/26/04 October, 2004 69 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. IEEE-Assigned Organizationally Unique Identifier (OUI) For each manufacturing organization, the IEEE assigns an 3-octet OUI. For Integrated Circuit Systems, Inc. the IEEE-assigned 3-octet OUI is 00A0BEh. The binary representation of an OUI is formed by expressing each octet as a sequence of eight bits, from least significant to most significant, and from left to right. Table 8-8 provides the ISO/IEC-defined mapping of the OUI (in IEEE Std. 802-1990 format) to Management Registers 2 and 3. Table 8-8. IEEE-Assigned Organizationally Unique Identifier First Octet Second Octet Third Octet 000 A E B a b cd e f g h i j k l m nopq r s t u v w x 1 2 3 4 5 6 7 8 9 1011 12 131415 16 17 18 19202122 23 24 0 0 0 0 0 0 0 0 0 0 0 0 0101011 11 1 0 1 00 1 5 F 1 2.15:12 2.11:8 2.7:4 2.3:0 3.15:12 3.11:10 Register 2 Register 3 |