| データシートサーチシステム |
|
ICS1893AFILF データシート(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILF データシート(HTML) 132 Page - Renesas Technology Corp |
|
132 / 137 page ![]() ICS1893AF, Rev D 10/26/04 October, 2004 132 Chapter 10 DC and AC Operating Conditions ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.19 10Base-T: Normal Link Pulse Timing Table 10-26 lists the significant time periods for the 10Base-T Normal Link Pulse (which consists of timings of signals on the TP_TXP pins). Figure 10-20 shows the timing diagram for the time periods. Figure 10-20. 10Base-T Normal Link Pulse Timing Diagram Table 10-26. 10Base-T Normal Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Normal Link Pulse Width 10Base-T – 100 – ns t2 Normal Link Pulse to Normal Link Pulse Period 10Base-T 8 20 25 ms t1 t2 TP_TXP |