| データシートサーチシステム |
|
ICS1893BKILF データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 133 page ![]() Revision History ICS1893BF, Rev. F, 5/13/10 May, 2010 9 ICS1893BF Data Sheet Rev. F - Release Copyright © 2009, IDT, Inc. All rights reserved. Revision History • The initial release of this document, Rev A, is dated October 31, 2003 • Rev. B is dated March 24, 2004. The following list indicates changes made. – Page 1. Document status changes from Rev. A to Rev. B. Also, two new bullet items were added to Features column, the first for a new package type, the second that the device is available in industrial temperature and lead-free. Lastly, bullet item “Supports category 5 cables . . .” deleted. – Pages 2 through 8, Table of Contents updated to reflect the Rev. B changes. – Page 26. The letters “BF” added to ICS1893 in Figure 5-1. – Page 27. ICS1893BF device number added, two places in Figure 5-2. – Page 28. Table 5-1 revised. – Page 83. Table 7-18. Correction made in Bit 17.3 row. – Page 92. Tables 8-1, -2, -3. ICS1893BF device number added to table titles, Table 8-2 deleted. Table numbering sequence changed to reflect the deletion. – Page 97. ICS1893BF device number added to [now] Table 8-3. New row added to table. Typo corrected in Signal Name column. In addition, ICS1893BF device number added to [now] Table 8-4. – Page 99. Table 8-7. Typographical corrections (removed unnecessary commas). – Three (3) new pages added after Page 106. New material includes 8.3 ICS1893BK Pin Diagram, Pin Description in Table 8-10 and -11. In addition, paragraphs 8.5 Transformer Interface Pins and 8.6 Ground and Power Pins and related Tables 8-13 and 8-14. – Page 111. Industrial Temperature operating conditions added to Table 9-2. – Page 135. Figure 10-2 Quad Flat/No Lead Plastic Package physical dimensions added. – Page 136. Table 11-1 ICS1893BF ordering information revised to add new package options. • Rev C is dated September 29, 2005 and the following changes were made: – Page 132. Added “T” to the part ordering numbers to designate Tape and Reel packaging. • Rev D – Added top-side marking. • Rev E, 08/11/09 – Added “EOL” ordering information note per PDN U-09-01. • Rev F, 05/13/10 – Removed non-green parts per PDN U-09-01. |