| データシートサーチシステム |
|
ICS1893BKILF データシート(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF データシート(HTML) 132 Page - Renesas Technology Corp |
|
132 / 133 page ![]() ICS1893BF, Rev. F, 5/13/10 May, 2010 132 Chapter 11 Ordering Information ICS1893BF Data Sheet - Release Copyright © 2009, IDT, Inc. All rights reserved. Chapter 11 Ordering Information Figure 11-1. shows ordering information for the ICS1893BF. 11.1 Marking Diagram Notes: 1. Line 3: ###### = Lot number. 2. Line 4: YYWW = Date code. 3. Line 5: Origin Part / Order Number Marking Package Temperature ICS1893BFLF 1893BFLF 48-Lead SSOP Lead/Pb-Free 0 ° C to 70° C ICS1893BFLFT 1893BFLF 48-Lead SSOP Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893BFILF 1893BFILF 48-Lead SSOP Lead/Pb-Free -40 ° C to 85° C ICS1893BFILFT 1893BFILF 48-Lead SSOP Lead/Pb-Free, Tape and Reel -40 ° C to 85° C ICS1893BKLF 1893BKLF 56-Lead MLF2 Lead/Pb-Free 0 ° C to 70° C ICS1893BKLFT 1893BKLF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893BKILF 1893BKILF 56-Lead MLF2 Lead/Pb-Free -40 ° C to 85° C ICS1893BKILFT 1893BKILF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel -40 ° C to 85° C |