| データシートサーチシステム |
|
ICS7152A データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS7152A データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 12 page ![]() ICS7152A SPREAD SPECTRUM CLOCK GENERATOR SSCG IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR 9 ICS7152A REV E 051310 Ordering Information “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 7152AM-02LF 152AM02L Tubes 8-pin SOIC 0 to +70 ° C 7152AM-02LFT 152AM02L Tape and Reel 8-pin SOIC 0 to +70 ° C 7152AMI-02LF 52AMI02L Tubes 8-pin SOIC -40 to +85 ° C 7152AMI-02LFT 52AMI02L Tape and Reel 8-pin SOIC -40 to +85 ° C 7152AM-11LF 7152A11L Tubes 8-pin SOIC 0 to +70 ° C 7152AM-11LFT 7152A11L Tape and Reel 8-pin SOIC 0 to +70 ° C 7152AMI-11LF 152AI11L Tubes 8-pin SOIC -40 to +85 ° C 7152AMI-11LFT 152AI11L Tape and Reel 8-pin SOIC -40 to +85 ° C |